Part Number Hot Search : 
27000 15015 SP8127N RG306 044082 01208 5KE200 APC14131
Product Description
Full Text Search
 

To Download SR230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
2.0 Amp SCHOTTKY BARRIER RECTIFIERS
Mechanical Dimensions
JEDEC D0-41
.080 .107 .205 .160 1.00 Min.
Description
.031 typ.
Features
n LOW FORWARD VOLTAGE n HIGH-SPEED SWITCHING n PLANAR PROCESS FOR RELIABILITY n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25o C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM Working Peak Reverse Voltage...VRWM DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) @ TC = 135C Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Current & Temp, 10mS Sine Wave Forward Voltage @ 2.0A...VF DC Reverse Current...IR @ Rated DC Blocking Voltage Operating & Storage Temperature Range...TJ, TSTRG
SR220 . . . 260 Series SR220 20 20 20 SR230 30 30 30 SR240 40 40 40 SR250 50 50 50 SR260 60 60 60
Units
Volts Volts Volts Amps
............................................. 2.0 ...............................................
............................................. 100 ...............................................
Amps
............................................. 0.55 ...............................................
Volts
............................................. 2.0 ............................................... mAmps
......................................... -40 to 125 ..........................................
C
Page 7-5
SR220 . . . 260 Series
Data Sheet
2.0 Amp SCHOTTKY BARRIER RECTIFIERS
Forward Power Dissipation
SR220 . . . 260 Series
Watts
Amps Forward Voltage Characteristics Reverse Characteristics
mAmps
Amps
Volts Reverse Power Dissipation
Volts Thermal Characteristics
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Watts
Amps
Volts NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance Junction to Ambient, Jedec Method. 3. When Mounted to heat sink, from body.
o
C
Page 7-6


▲Up To Search▲   

 
Price & Availability of SR230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X